Part Number Hot Search : 
STUB018 LA76843N PM2301 C2002 C2002 TDA4362 LTD070 LT6200
Product Description
Full Text Search
 

To Download ASV-216384MHZ-EJS-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  | | | | | | | | | | | | | | | asv series ? clock signaling for processors, pc motherboards & graphic cards ? hcmos/compatible, 3.3vdc, 2.5vdc, & 1.8vdc options ? suitable for rohs reflow ? seam sealed package assures high reliability ? high output drive capability (up to 50pf) 7 . 0 x 5 . 0 x 1 . 8m m pb rohs compliant applications: features: standard specifications: 3.3vdc hcmos/smd crystal clock oscillator rise time / fall time (tr/tf) output load output voltage start-up time tristate function (see tri-state option) disable current (with power down) disable current (without power down) enable time (with power down) frequency range abracon p/n operating t emperature storage t emperature overall frequency stability supply v oltage (vdd) input current symmetry asv series -10 c to + 70 c (see options) - 55 c to + 125 c 100 ppm max. (see options) 3.3 vdc 10% (see options) see table 1 40/60 % max.@ 1/2vdd (see options) enable time (without power down) disable time (with power down) disable time (without power down) period jitter one sigma 100ns (option a) 5ppm max. see table 1 15pf (10ttl) (see options) voh = 0.9 * vdd min.; vol = 0.4 vdc max. "1" (vih >= 0.7*vdd) or open: oscillation "0" (vil < 0.3*vdd) : hi z 10 a max. 200 a (option a) p arameters options & part identification: (left blank if standard) 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 07.06.10 visit www.abracon.com for terms & conditions of sale 3.5ms typ, 5ms max. see table 1 table 1 (typical value is for only reference.) * contact abracon for higher frequencies see table 1 100ns max. 100ns max. (option a) f r e q u e nc y ( m h z ) i d d ( t y p ) ( m a ) i dd ( m a x ) ( m a ) t r / t f ( t y p ) ( n s ) t r / t f ( m ax ) ( n s ) s t a r t- up ti m e ( t y p ) ( m s ) s t a r t- up ti m e ( m a x ) m s p e r i od j i tt e r r m s ( t y p i c a l ) p s 0 . 5 ~ 14 . 9 2 . 0 1 0 . 0 3 . 0 5 . 0 0 . 4 4 . 0 2 . 5 1 5 . 0 ~ 29 . 9 3 . 6 1 5 . 0 2 . 8 4 . 0 0 . 4 4 . 0 3 . 2 3 0 . 0 ~ 39 . 9 5 . 6 2 0 . 0 2 . 6 4 . 0 2 . 0 4 . 0 3 . 2 4 0 . 0 ~ 49 . 9 7 . 2 2 5 . 0 2 . 4 4 . 0 1 . 5 4 . 0 3 . 2 5 0 . 0 ~ 59 . 9 13 . 3 3 0 . 0 2 . 2 4 . 0 2 . 9 5 . 0 3 . 2 6 0 . 0 ~ 79 . 9 19 . 0 3 5 . 0 2 . 2 4 . 0 1 . 5 5 . 0 3 . 2 8 0 . 0 ~ 99 . 9 20 . 2 4 5 . 0 2 . 0 4 . 0 1 . 3 5 . 0 3 . 0 1 0 0 . 0 ~ 1 2 5 . 0 23 . 7 5 0 . 0 1 . 8 4 . 0 1 . 8 5 . 0 2 . 9 1 2 5 . 1 ~ 1 6 5 . 0 27 . 2 6 5 . 0 1 . 5 4 . 0 2 . 7 5 . 0 2 . 9 0.312mhz to 165 mhz * aging at 25c (firstyear) : abracon is ce r tified abracon is iso9001:2008 ce r tified a s v - - m h z - - - - p / n a n d v dd ( v ) b l ank : 3 . 3 1 0 % 2 5 : 2 . 5 10 % 1 8 : 1 . 8 10 % p a ck a g i n g b l a n k : b u l k t : t a pe & r e e l ( 1 k p c s ) t 5 : t a pe & r ee l ( 5 00 p cs ) f r e qu e n cy i n m h z e . g . 0 . 312 m h z 14 . 31 8 18 m h z 26 . 00 0 m h z 2 00 . 0 0 0 m h z t r i - s t a t e b l a n k : t r i - s t a t e w i t h p d a : t r i - s t a t e f r e q . s t ab il i ty j : 20 p p m ( * ) r : 2 5 p p m k : 3 0 p p m h : 3 5 p p m c : 5 0 p p m ( * ) t e m p o p t i o n i , d , e , a n d - 1 0 c ~ + 70 c o n l y . s y mm e t ry b l a n k : 4 0 / 60 % @ 1 / 2 v dd s : 45 / 5 5 % @ 1 / 2 v d d o u t p u t l o a d b l a n k : 15 p f 50 : 5 0 p f o p e r a t i n g t e m p . i : 0 c ~ + 50 c d : - 1 0 c ~ + 60 c e : - 20 c ~ + 70 c f : - 3 0 c ~ + 70 c n : - 3 0 c ~ + 85 c l : - 4 0 c ~ + 8 5 c
| | | | | | | | | | | | | | | asv series 7 . 0 x 5 . 0 x 1 . 8m m pb rohs compliant 3.3vdc hcmos/smd crystal clock oscillator tape & reel: tape and reel 1,000pcs/reel outline drawing: dimensions: inches (mm) dimensions: mm note : it is recommended to use an approximately 0.01uf bypass capacitor between pin 2 and 4. pin 1 2 3 4 output function tristate enable/disable vdd gnd/case 3033 2 e s p e ranza , r an c ho s an t a mar g ar it a , ca lif o r n i a 9268 8 tel 949-546-8000 | f ax 949-546-800 1 | ww w . abra c on .c o m revised: 07.06.10 visit www.abracon.com for terms & conditions of sale reflow profile: note: a b r a c on manufa c tu r ed p r o du c ts a r e i n t ended f or gene r al c omme r cial and indust r ial us e . f or appli c a tions r equi r ing high r eliabili t y and/or p r ese n ting e x t r eme o p e r a ting e n vi r onme n t , w r it t en c onse n t & autho r iz a tion f r om a b r a c on is r equi r e d . need a test socket for the asv series? to view compatible precision test & burn-in sockets for these parts, click here. abracon is ce r tified abracon is iso9001:2008 ce r tified need a test socket for the asv series? to view compatible precision test & burn-in sockets for these parts, click here. attention: abracon corporation?s products are cots ? commercial-off-the-shelf products; suitable for commercial, industrial and, where designated, automotive applications. abracon?s products are not specifically designed for military, aviation, aerospace, life-dependant medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. for applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from abracon corporation is required. please contact abracon corporation for more information.


▲Up To Search▲   

 
Price & Availability of ASV-216384MHZ-EJS-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X